PART |
Description |
Maker |
STE2002DIE2 |
81 X 128 SINGLE CHIP LCD CONTROLLER/DRIVER
|
ST Microelectronics
|
UC1605I |
Single-Chip, Ultra-Low Power 80 COM x 128 SEG Matrix Passive LCD Controller-Driver
|
Ultra Chip, Inc.
|
STE2002DIE2 STE2002DIE1 |
0.5mm Pitch DIL Vertical SMT Female Assembly, 1.5mm height, location pegs, hold-down tabs, tin, 15 15-way, Tape & Reel packing 81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
|
意法半导
|
HD66726 HD66729 HD66741 HD66750 HD66750TB0 HD66751 |
128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
|
HITACHI[Hitachi Semiconductor]
|
EM73461 |
Single Chip CMOS 4-Bit Micro-Controller for LCD Product(?ㄤ?LCD?剧ず??伐浣????.2V-1.8V??.4V-3.6V?????浣?井?у???
|
ELAN Microelctronics Corp .
|
WG128128A |
LCD MODULE GRAPHIC 128 X 128 DOTS
|
WINSTAR ETC[ETC] List of Unclassifed Manufacturers
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
12864-12-GR-R-ST-ELED 12864-12-SL-M-ST-ELP 12864-1 |
128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight 128 × 64点阵超扭曲液晶显示大会与T - 6963C图形控制器的LED /冷光片背
|
Electronic Theatre Controls, Inc.
|
LPC2157 LPC2158 LPC215709 LPC2157FBD100551 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP100 Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
|
NXP Semiconductors N.V.
|
LC58E76 LC5872 LC5873 LC5874 LC5876 |
On-Chip EPROM Microcomputer 4-Bit Single-Chip Microprocessor with LCD Driver, 12 Kbytes of EPROM and 1Kbits of RAM On-Chip
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
P87LPC778 P87LPC778FDH |
CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP P87LPC778; CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
|
NXP Semiconductors Philips
|